| Moteur de recherche de fiches techniques de composants électroniques |
|
M60058LFCK-R Fiches technique(PDF) 1 Page - MTRONPTI |
|
|
|||||||||||||||||||||||||||||
M60058LFCK-R Fiches technique(HTML) 1 Page - MTRONPTI |
|
|
1 / 1 page ![]() MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. M6005 Series 9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCXO Stratum 3 compliant stability and aging Ideal for WLL/DWDM/ATM, and SONET/ SDH applications • • Pin Connections Revision: 7-13-06 |
Numéro de pièce similaire - M60058LFCK-R |
|
Description similaire - M60058LFCK-R |