| Moteur de recherche de fiches techniques de composants électroniques |
|
ADR130AUJZ-R2 Fiches technique(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR130AUJZ-R2 Fiches technique(HTML) 7 Page - Analog Devices |
|
7 / 16 page ![]() ADR130 Rev. 0 | Page 7 of 16 INPUT VOLTAGE (V) 0 20 40 60 80 100 120 140 160 2345 6789 10 11 12 13 14 15 16 17 18 +125°C +25°C –40°C Figure 8. Supply Current vs. Input Voltage, VOUT = 0.5 V 6 0 1 2 3 4 5 –2 –1 012 345 LOAD CURRENT (mA) TA = –40°C, +25°C, +125°C Figure 9. Supply Current vs. Load Current, VOUT = 0.5 V 0 2 4 6 8 10 –40 –25 –10 5 20 35 50 65 80 95 110 125 TEMPERATURE (°C) VIN = 2V TO 18V Figure 10. Line Regulation vs. Temperature, VOUT = 0.5 V INPUT VOLTAGE (V) 0 20 40 60 80 100 120 140 160 2345 6789 10 11 12 13 14 15 16 17 18 +125°C +25°C –40°C Figure 11. Supply Current vs. Input Voltage, VOUT = 1 V 6 0 1 2 3 4 5 –2 012 345 LOAD CURRENT (mA) –1 TA = –40°C, +25°C, +125°C Figure 12. Supply Current vs. Load Current, VOUT = 1 V 0 2 4 6 8 10 –40 –25 –10 5 20 35 50 65 80 95 110 125 TEMPERATURE (°C) VIN = 2V TO 18V Figure 13. Line Regulation vs. Temperature, VOUT = 1 V |