Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7650 Fiches technique(PDF) 25 Page - Analog Devices

No de pièce AD7650
Description  16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7650 Fiches technique(HTML) 25 Page - Analog Devices

Back Button AD7650 Datasheet HTML 21Page - Analog Devices AD7650 Datasheet HTML 22Page - Analog Devices AD7650 Datasheet HTML 23Page - Analog Devices AD7650 Datasheet HTML 24Page - Analog Devices AD7650 Datasheet HTML 25Page - Analog Devices AD7650 Datasheet HTML 26Page - Analog Devices AD7650 Datasheet HTML 27Page - Analog Devices AD7650 Datasheet HTML 28Page - Analog Devices AD7650 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD7610
Rev. 0 | Page 25 of 32
BUSY
SYNC
SDCLK
SDOUT
12
3
14
15
16
D15
D14
D2
D1
D0
X
RDC/SDIN = 0
INVSCLK = INVSYNC = 0
CNVST
CS, RD
EXT/INT = 0
t16
t15
t22
t23
t21
t19
t18
t20
t14
t29
t28
t26
t27
t24
t25
t30
t3
Figure 39. Master Serial Data Timing for Reading (Read After Convert)
EXT/INT = 0
RDC/SDIN = 1
INVSCLK = INVSYNC = 0
D15
D14
D2
D1
D0
X
12
3
14
15
16
BUSY
SYNC
SDCLK
SDOUT
CNVST
CS, RD
t27
t26
t24
t25
t23
t22
t18
t15
t14
t16
t17
t19
t20 t21
t3
t1
Figure 40. Master Serial Data Timing for Reading (Read Previous Conversion During Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32