| Moteur de recherche de fiches techniques de composants électroniques |
|
AD6654/PCB Fiches technique(PDF) 69 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6654/PCB Fiches technique(HTML) 69 Page - Analog Devices |
|
69 / 88 page ![]() AD6654 Rev. 0 | Page 69 of 88 CONNECTING THE AD6654 SERIAL PORT TO A BLACKFIN DSP In SPI mode, the Blackfin DSP must act as a master to the AD6654 by providing the SCLK. SDO is an open-drain output, so that multiple slave devices can be connected together. Figure 73 shows a typical connection. SMODE SCLK SPISS SRFS AND STFS SCK MOSI MISO SCS SDO SDI PF2 MODE BLACKFIN (MASTER) AD6654 (SLAVE) PROGRAMMABLE FLAG VDDIO GND Figure 73. SPI Mode Serial Port Connection to Blackfin DSP In SPORT mode, the Blackfin provides the SCLK, SRFS, and STFS signals, as shown in Figure 74. SMODE SCLK TFS RFS SRFS STFS SCK DT DR SCS SDO SDI PF2 MODE BLACKFIN AD6654 PROGRAMMABLE FLAG VDDIO GND Figure 74. SPORT Mode Serial Port Connections to Blackfin |