Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6654BBC Fiches technique(PDF) 69 Page - Analog Devices

No de pièce AD6654BBC
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6654BBC Fiches technique(HTML) 69 Page - Analog Devices

Back Button AD6654BBC Datasheet HTML 65Page - Analog Devices AD6654BBC Datasheet HTML 66Page - Analog Devices AD6654BBC Datasheet HTML 67Page - Analog Devices AD6654BBC Datasheet HTML 68Page - Analog Devices AD6654BBC Datasheet HTML 69Page - Analog Devices AD6654BBC Datasheet HTML 70Page - Analog Devices AD6654BBC Datasheet HTML 71Page - Analog Devices AD6654BBC Datasheet HTML 72Page - Analog Devices AD6654BBC Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
AD6654
Rev. 0 | Page 69 of 88
CONNECTING THE AD6654 SERIAL PORT TO A
BLACKFIN DSP
In SPI mode, the Blackfin DSP must act as a master to the
AD6654 by providing the SCLK. SDO is an open-drain output,
so that multiple slave devices can be connected together.
Figure 73 shows a typical connection.
SMODE
SCLK
SPISS
SRFS
AND
STFS
SCK
MOSI
MISO
SCS
SDO
SDI
PF2
MODE
BLACKFIN
(MASTER)
AD6654
(SLAVE)
PROGRAMMABLE FLAG
VDDIO
GND
Figure 73. SPI Mode Serial Port Connection to Blackfin DSP
In SPORT mode, the Blackfin provides the SCLK, SRFS, and
STFS signals, as shown in Figure 74.
SMODE
SCLK
TFS
RFS
SRFS
STFS
SCK
DT
DR
SCS
SDO
SDI
PF2
MODE
BLACKFIN
AD6654
PROGRAMMABLE FLAG
VDDIO
GND
Figure 74. SPORT Mode Serial Port Connections to Blackfin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88