| Moteur de recherche de fiches techniques de composants électroniques |
|
CAL01 Fiches technique(PDF) 2 Page - MultiDimension Technology Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
CAL01 Fiches technique(HTML) 2 Page - MultiDimension Technology Co.,Ltd. |
|
2 / 5 page ![]() MultiDimension Technology Co., Ltd. Page 2 of 5 Web: www.dowaytech.com/en, Email: info@dowaytech.com MDT USB2705A No.7 Guangdong Road, Zhangjiagang Free Trade Zone, Jiangsu, 215634, P.R. China Ver. 1.0a Hardware Description The CAL01 reference magnet is composed of two axially magnetized permanent magnet rings that allow a probe to access the working region of the fixture from both axial and transverse orientations, making the calibration fixture useful for both axial and transverse probe calibration. This forms a region of uniform magnetic field between the rings, where provided the motion of the probe is confined to this region, provides a well defined peak magnetic field value. The housing of the magnets is composed of nylon, and it has guide holes for inserting the probe. |