Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C874VC Fiches technique(PDF) 40 Page - Advanced Micro Devices

No de pièce AM79C874VC
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874VC Fiches technique(HTML) 40 Page - Advanced Micro Devices

Back Button AM79C874VC Datasheet HTML 36Page - Advanced Micro Devices AM79C874VC Datasheet HTML 37Page - Advanced Micro Devices AM79C874VC Datasheet HTML 38Page - Advanced Micro Devices AM79C874VC Datasheet HTML 39Page - Advanced Micro Devices AM79C874VC Datasheet HTML 40Page - Advanced Micro Devices AM79C874VC Datasheet HTML 41Page - Advanced Micro Devices AM79C874VC Datasheet HTML 42Page - Advanced Micro Devices AM79C874VC Datasheet HTML 43Page - Advanced Micro Devices AM79C874VC Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
40
Am79C874
P R E L I M INARY
Disconnect Counter Register (Register 23)
Table 24.
Disconnect Counter (Register 23)
Receive Error Counter Register (Register 24)
Table 25.
Receive Error Counter Register (Register 24)
Reg
Bit
Name
Description
Read/
Write
Default
23
15:0
DLOCK drop
counter
Count of PLL lock drop events
RW
0000
Reg
Bit
Name
Description
Read/
Write
Default
24
15:0
RX_ER counter
Count of receive error events
RW
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60