Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C874 Fiches technique(PDF) 35 Page - Advanced Micro Devices

No de pièce AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Fiches technique(HTML) 35 Page - Advanced Micro Devices

Back Button AM79C874 Datasheet HTML 31Page - Advanced Micro Devices AM79C874 Datasheet HTML 32Page - Advanced Micro Devices AM79C874 Datasheet HTML 33Page - Advanced Micro Devices AM79C874 Datasheet HTML 34Page - Advanced Micro Devices AM79C874 Datasheet HTML 35Page - Advanced Micro Devices AM79C874 Datasheet HTML 36Page - Advanced Micro Devices AM79C874 Datasheet HTML 37Page - Advanced Micro Devices AM79C874 Datasheet HTML 38Page - Advanced Micro Devices AM79C874 Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Am79C874
35
P R E L I M INARY
Auto-Negotiation Next Page Advertisement Register (Register 7)
Table 18.
Auto-Negotiation Next Page Advertisement Register (Register 7)
Reserved Registers (Registers 8-15, 20, 22, 25-31)
The NetPHY-1LP device contains reserved registers at
addresses 8-15, 20, 22, 25-31. These registers should
be ignored when read and should not be written at any
time.
Reg
Bit
Name
Description
Read/
Write
Default
715
NP
Next page indication:
1 = Another Next Page desired.
0 = No other Next Page Transfer desired.
RW
0
7
14
Reserved
Ignore when read.
RO
0
713
MP
Message page:
1 = Message page.
0 = Un-formatted page.
RW
1
712
ACK2
Acknowledge 2:
1 = Will comply with message.
0 = Cannot comply with message.
RW
0
711
TOG_TX
Toggle:
1 = Previous value of transmitted link code word equals to 0.
0 = Previous value of transmitted link code word equals to 1.
RW
0
17
10:0
CODE
Message/Un-formatted Code Field.
RW
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60