Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFQ18A Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BFQ18A
Description  NPN 4 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ18A Fiches technique(HTML) 3 Page - NXP Semiconductors

  BFQ18A Datasheet HTML 1Page - NXP Semiconductors BFQ18A Datasheet HTML 2Page - NXP Semiconductors BFQ18A Datasheet HTML 3Page - NXP Semiconductors BFQ18A Datasheet HTML 4Page - NXP Semiconductors BFQ18A Datasheet HTML 5Page - NXP Semiconductors BFQ18A Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
September 1995
3
Philips Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFQ18A
THERMAL RESISTANCE
Note
1. Ts is the temperature at the soldering point of the collector tab.
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. Ic = 80 mA; VCE = 10 V; RL =75 Ω;
Vp =Vo = 700 mV; fp =795.25 MHz;
Vq =Vo −6 dB; fq = 803.25 MHz;
Vr =Vo −6 dB; fr = 805.25 MHz;
measured at f(p+q-r) = 793.25 MHz.
SYMBOL
PARAMETER
CONDITIONS
THERMAL RESISTANCE
Rth j-s
thermal resistance from junction to
soldering point
up to Ts = 155 °C (note 1)
20 K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
UNIT
hFE
DC current gain
IC = 100 mA; VCE = 10 V
25
Cc
collector capacitance
IE = ie = 0; VCB = 10 V; f = 1 MHz
2pF
Ce
emitter capacitance
IC = ic = 0; VEB = 0.5 V; f = 1 MHz
11
pF
Cre
feedback capacitance
IC = 0; VCE = 10 V; f = 10.7 MHz
1.2
pF
fT
transition frequency
IC = 100 mA; VCE = 10 V; f = 500 MHz
4
GHz
dim
intermodulation distortion (see Fig.2)
note 1
−−60
dB



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com