Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASPDC2BB4AW Fiches technique(PDF) 2 Page - ITT Industries

No de pièce ASPDC2BB4AW
Description  General Purpose Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

ASPDC2BB4AW Fiches technique(HTML) 2 Page - ITT Industries

  ASPDC2BB4AW Datasheet HTML 1Page - ITT Industries ASPDC2BB4AW Datasheet HTML 2Page - ITT Industries ASPDC2BB4AW Datasheet HTML 3Page - ITT Industries ASPDC2BB4AW Datasheet HTML 4Page - ITT Industries ASPDC2BB4AW Datasheet HTML 5Page - ITT Industries ASPDC2BB4AW Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
K
K-45
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K A Series
General Purpose Snap-acting Switches
SERIES
NO. POLES
S
SINGLE POLE SWITCH
D
DOUBLE POLE SWITCH
A
GENERAL PURPOSE SNAP-ACTING SWITCHES
Mounting holes will accept pins or screws
of .139 dia. (3,53) max., on 1.000 (25,40) centers.
Mounting holes will accept pins or screws
of .139 dia. (3,53) max., on 1.000 (25,40) centers.
NOTE: To select switching function, see CIRCUITRY section, page K-49.
.



Html Pages

1 2 3 4 5 6