Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7260E2M1/XXX Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce ST7260E2M1/XXX
Description  LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260E2M1/XXX Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button ST7260E2M1/XXX Datasheet HTML 29Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 30Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 31Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 32Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 33Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 34Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 35Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 36Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 117 page
background image
ST7260
33/117
I/O PORTS (Cont’d)
9.2.3 Port C
Table 13. Port C Description
Figure 22. Port C Configuration
PORT C
I / O
Alternate Function
Input1
Output
Signal
Condition
PC0
with pull-up
push-pull
RDI (SCI input)
PC1
with pull-up
push-pull
TDO (SCI output)
SCI enable
PC22
with pull-up
push-pull
USBOE (USB output ena-
ble)
USBOE =1
(MISCR)
1Reset State
2Not available on SO24
DR
DDR
LATCH
LATCH
DR SEL
DDR SEL
VDD
PAD
ALTERNATE ENABLE
ALTERNATE ENABLE
ALTERNATE ENABLE
ALTERNATE
ALTERNATE INPUT
PULL-UP
OUTPUT
P-BUFFER
N-BUFFER
1
0
1
0
CMOS SCHMITT TRIGGER
VSS
VDD
DIODES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More