| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7260K2U1/XXX Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7260K2U1/XXX Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 117 page ![]() ST7260 30/117 I/O PORTS (Cont’d) Table 11. PA1, PA2 Description Figure 20. PA1, PA2 Configuration PORT A I / O Alternate Function Input1 Output Signal Condition PA1 without pull-up Very High Current open drain PA2 without pull-up Very High Current open drain 1Reset State DR DDR LATCH LATCH DR SEL DDR SEL PAD ALTERNATE ENABLE ALTERNATE ENABLE ALTERNATE OUTPUT N-BUFFER 1 0 1 0 CMOS SCHMITT TRIGGER VSS |