Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP04CM596 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STP04CM596
Description  4-Bit constant current for power-LED, LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM596 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STP04CM596 Datasheet HTML 16Page - STMicroelectronics STP04CM596 Datasheet HTML 17Page - STMicroelectronics STP04CM596 Datasheet HTML 18Page - STMicroelectronics STP04CM596 Datasheet HTML 19Page - STMicroelectronics STP04CM596 Datasheet HTML 20Page - STMicroelectronics STP04CM596 Datasheet HTML 21Page - STMicroelectronics STP04CM596 Datasheet HTML 22Page - STMicroelectronics STP04CM596 Datasheet HTML 23Page - STMicroelectronics STP04CM596 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
STP04CM596
Package mechanical data
21/24
Figure 20. Tape and reel dimensions
Table 12. Tape and reel SO-14
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.4
6.6
0.252
0.260
Bo
9
9.2
0.354
0.362
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24