Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY01AF2CWCDQ2 Fiches technique(PDF) 4 Page - ITT Industries

No de pièce BY01AF2CWCDQ2
Description  4 Tumbler Value Added Security Switchlocks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

BY01AF2CWCDQ2 Fiches technique(HTML) 4 Page - ITT Industries

  BY01AF2CWCDQ2 Datasheet HTML 1Page - ITT Industries BY01AF2CWCDQ2 Datasheet HTML 2Page - ITT Industries BY01AF2CWCDQ2 Datasheet HTML 3Page - ITT Industries BY01AF2CWCDQ2 Datasheet HTML 4Page - ITT Industries BY01AF2CWCDQ2 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M–25
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
TERMINATIONS
LOCK TYPE
BRASS CONTROL KEY
(Removes lock core)
Control key available separately,
part number: 11630CKBYST
.136 DIA.
(3,45)
S
PaT
N
5
6
3
6
5
o
.655
(16,62)
.225
(5,72)
.100
(2,54)
.034
(0,86)
.468
(11,88)
.965
(24,51)
.688
(17,46)
1.000
(25,40)
.500
(12,70)
.470
(11,94)
.105
(2,67)
1.047
(26,59)
Control Key
Lock Core
Plastic Facing
Lock
Switch
L
LATCH PAWL AND NUT
M
LATCH PAWL AND CLIP
N
WITH NUT
D
WITH CLIP
WC
WIRE LEAD
03
SOLDER LUG WITH HOLE
C
4 TUMBLER LOCK WITH DETENT
.085-.105 (2,16-2,67)
WITH CLIP
D, M
.085-.105 (2,16-2,67)
WITH NUT
N, L
PANEL THICKNESS
MOUNTING
STYLE
OPTION
CODE
2
BLACK
LOCK COLOR
OPTION
CODE
Lock Core Removal Instructions
To remove lock core, insert round-headed control key and pull.
Lock must be in position 2 (90º indexing), position 3 (45º indexing).
This feature permits changing key codes.
Black wire standard. other colors and lengths available,
consult Customer Service Center. UL style 1015.
Nut part number: 175050700
Clip part number: 906B00000
C&K BY Series
4 Tumbler Value Added Security Switchlocks
LOCK TYPE



Html Pages

1 2 3 4 5