Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER50A/ASP Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce VIPER50A/ASP
Description  SMPS PRIMARY I.C.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50A/ASP Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button VIPER50A/ASP Datasheet HTML 2Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 3Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 4Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 5Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 6Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 7Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 8Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 9Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/23
VIPer50/SP - VIPer50A/ASP
Figure 3: Transition Time
Figure 4: Shut Down Action
Figure 5: Breakdown Voltage Vs. Temperature
Figure 6: Typical Frequency Variation
Figure 1: VDD Regulation Point
Figure 2: Undervoltage Lockout
ICOMP
ICOMPHI
ICOMPLO
VDDreg
0
VDD
Slope =
Gm in mA/V
FC00150
VDDon
IDDch
IDD0
VDD
VDDoff
VDS= 35 V
Fsw = 0
IDD
VDDhyst
FC00170
ID
VDS
t
t
tf
tr
10%Ipeak
10%VD
90%VD
FC00160
VCOMP
VOSC
ID
t
tDISsu
t
t
ENABLE
DISABLE
ENABLE
VCOMPth
FC00060
Temperature (°C)
FC00180
0
20406080
100 120
0.95
1
1.05
1.1
1.15
BVDSS
(Normalized)
Temperature (°C)
0
20406080
100 120 140
-5
-4
-3
-2
-1
0
1
FC00190
(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23