Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADPDC2P04AW Fiches technique(PDF) 6 Page - ITT Industries

No de pièce ADPDC2P04AW
Description  General Purpose Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

ADPDC2P04AW Fiches technique(HTML) 6 Page - ITT Industries

  ADPDC2P04AW Datasheet HTML 1Page - ITT Industries ADPDC2P04AW Datasheet HTML 2Page - ITT Industries ADPDC2P04AW Datasheet HTML 3Page - ITT Industries ADPDC2P04AW Datasheet HTML 4Page - ITT Industries ADPDC2P04AW Datasheet HTML 5Page - ITT Industries ADPDC2P04AW Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
K
K–49
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K A Series
General Purpose Snap-acting Switches
TERMINATIONS
CIRCUITRY
Y
ST N.O. (Single Throw, Normally Open)
W
ST N.C. (Single Throw, Normally Closed)
C
DT (Double Throw, Normally Open & Normally Closed)
4A
.250" QUICK CONNECT
NOTE: To select number of poles, see NO. POLES section, page K-45.
NOTE: Terminals can be supplied at various angles. Other terminal styles can be supplied for
special applications. Consult Customer Service Center for special requirements.



Html Pages

1 2 3 4 5 6