| Moteur de recherche de fiches techniques de composants électroniques |
|
SCA Fiches technique(PDF) 3 Page - IET Labs Inc. |
|
|
|||||||||||||||||||||||||||||
SCA Fiches technique(HTML) 3 Page - IET Labs Inc. |
|
3 / 3 page ![]() IET LABS, INC. in the GenRad Tradition www.ietlabs.com TEL: (516) 334-5959 • (800) 899-8438 • FAX: (516) 334-5988 SCA Series Page 3 of 3 Standard Capacitance Reference or Working Standards SCA Data Sheet/ Dec. 2022 Transit cases SRC-100 Transit Case for 2 units SRC-10-n Transit Case for n units (5 units shown) Optional Model SRC-100 or SRC-10-n lightweight transit cases provides mechanical protection and insulation from temperature changes during transportation or shipping. It is suitable for transporting and storing two or more units. Ordering Information Capacitance Standard Select from table above Custom value SCA-XXX Transit case for SCA units SRC-100, for 2 units; SRC-10-n, for n units For deleted case version, add " - DC" at the end of the part number SCA-1nF-8588A Direct Connection |