Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT75C Fiches technique(PDF) 49 Page - ATMEL Corporation

No de pièce AT75C
Description  Smart Internet Appliance Processor (SIAP)
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C Fiches technique(HTML) 49 Page - ATMEL Corporation

Back Button AT75C Datasheet HTML 45Page - ATMEL Corporation AT75C Datasheet HTML 46Page - ATMEL Corporation AT75C Datasheet HTML 47Page - ATMEL Corporation AT75C Datasheet HTML 48Page - ATMEL Corporation AT75C Datasheet HTML 49Page - ATMEL Corporation AT75C Datasheet HTML 50Page - ATMEL Corporation AT75C Datasheet HTML 51Page - ATMEL Corporation AT75C Datasheet HTML 52Page - ATMEL Corporation AT75C Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 171 page
background image
49
AT75C DSP Subsystem
1368C–INTAP–08/02
CALLA – Call Subroutine at Location Specified by
Accumulator
Syntax:
calla aX
Operation:
sp - 1 –> sp
pc –> (sp)
aXl –> pc
Call subroutine indirect (address from aXl). The stack pointer (sp) is
pre-decremented. The program counter (pc) is pushed into the software
stack and a branch is executed to the address pointed by accumulator-
low. This instruction can be used to perform computed subroutine calls.
Affected Flags:
Cycles:
3
Words:
1
Z
M
NVCE
L
R
––––––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More