| Moteur de recherche de fiches techniques de composants électroniques |
|
CYT4DNJBLS Fiches technique(PDF) 87 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBLS Fiches technique(HTML) 87 Page - Infineon Technologies AG |
|
87 / 209 page ![]() Datasheet 87 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Peripheral protection unit fixed structure pairs 494 SG0_SG_STRUCT2_TX 0x40828200 0x00000100 SG#0 TX Structure #2 495 SG0_SG_STRUCT3_TX 0x40828300 0x00000100 SG#0 TX Structure #3 496 SG0_SG_STRUCT4_TX 0x40828400 0x00000100 SG#0 TX Structure #4 497 PWM0_MAIN 0x40830000 0x00000010 PWM#0 Main 498 PWM0_TX0_TX 0x40838000 0x00000100 PWM#0 TX0 499 PWM0_TX1_TX 0x40838100 0x00000100 PWM#0 TX1 500 DAC0_MAIN 0x40840000 0x00000100 DAC#0 Main 501 MIXER0_MIXER_SRC_STRUCT0_SRC 0x40888000 0x00000100 MIXER#0 Source Structure #0 502 MIXER0_MIXER_SRC_STRUCT1_SRC 0x40888100 0x00000100 MIXER#0 Source Structure #1 503 MIXER0_MIXER_SRC_STRUCT2_SRC 0x40888200 0x00000100 MIXER#0 Source Structure #2 504 MIXER0_MIXER_SRC_STRUCT3_SRC 0x40888300 0x00000100 MIXER#0 Source Structure #3 505 MIXER0_MIXER_SRC_STRUCT4_SRC 0x40888400 0x00000100 MIXER#0 Source Structure #4 506 MIXER1_MIXER_SRC_STRUCT0_SRC 0x40898000 0x00000100 MIXER#1 Source Structure #0 507 MIXER1_MIXER_SRC_STRUCT1_SRC 0x40898100 0x00000100 MIXER#1 Source Structure #1 508 MIXER1_MIXER_SRC_STRUCT2_SRC 0x40898200 0x00000100 MIXER#1 Source Structure #2 509 MIXER1_MIXER_SRC_STRUCT3_SRC 0x40898300 0x00000100 MIXER#1 Source Structure #3 510 MIXER1_MIXER_SRC_STRUCT4_SRC 0x40898400 0x00000100 MIXER#1 Source Structure #4 511 MIXER0_MIXER_DST_STRUCT_DST 0x4088C000 0x00000100 MIXER#0 Destination Structure 512 MIXER1_MIXER_DST_STRUCT_DST 0x4089C000 0x00000100 MIXER#1 Destination Structure 513 PASS0_SAR0_SAR 0x40900000 0x00000400 PASS SAR#0 514 PASS0_SAR1_SAR 0x40901000 0x00000008 PASS SAR#1 515 PASS0_SAR0_CH0_CH 0x40900800 0x00000040 SAR#0, Channel #0 516 PASS0_SAR0_CH1_CH 0x40900840 0x00000040 SAR#0, Channel #1 517 PASS0_SAR0_CH2_CH 0x40900880 0x00000040 SAR#0, Channel #2 518 PASS0_SAR0_CH3_CH 0x409008C0 0x00000040 SAR#0, Channel #3 519 PASS0_SAR0_CH4_CH 0x40900900 0x00000040 SAR#0, Channel #4 520 PASS0_SAR0_CH5_CH 0x40900940 0x00000040 SAR#0, Channel #5 521 PASS0_SAR0_CH6_CH 0x40900980 0x00000040 SAR#0, Channel #6 522 PASS0_SAR0_CH7_CH 0x409009C0 0x00000040 SAR#0, Channel #7 523 PASS0_SAR0_CH8_CH 0x40900A00 0x00000040 SAR#0, Channel #8 524 PASS0_SAR0_CH9_CH 0x40900A40 0x00000040 SAR#0, Channel #9 525 PASS0_SAR0_CH10_CH 0x40900A80 0x00000040 SAR#0, Channel #10 526 PASS0_SAR0_CH11_CH 0x40900AC0 0x00000040 SAR#0, Channel #11 527 PASS0_SAR0_CH12_CH 0x40900B00 0x00000040 SAR#0, Channel #12 528 PASS0_SAR0_CH13_CH 0x40900B40 0x00000040 SAR#0, Channel #13 529 PASS0_SAR0_CH14_CH 0x40900B80 0x00000040 SAR#0, Channel #14 530 PASS0_SAR0_CH15_CH 0x40900BC0 0x00000040 SAR#0, Channel #15 531 PASS0_SAR0_CH16_CH 0x40900C00 0x00000040 SAR#0, Channel #16 532 PASS0_SAR0_CH17_CH 0x40900C40 0x00000040 SAR#0, Channel #17 533 PASS0_SAR0_CH18_CH 0x40900C80 0x00000040 SAR#0, Channel #18 534 PASS0_SAR0_CH19_CH 0x40900CC0 0x00000040 SAR#0, Channel #19 535 PASS0_SAR0_CH20_CH 0x40900D00 0x00000040 SAR#0, Channel #20 536 PASS0_SAR0_CH21_CH 0x40900D40 0x00000040 SAR#0, Channel #21 537 PASS0_SAR0_CH22_CH 0x40900D80 0x00000040 SAR#0, Channel #22 538 PASS0_SAR0_CH23_CH 0x40900DC0 0x00000040 SAR#0, Channel #23 Table 22-1 PPU fixed structure pairs (continued) Pair No. PPU Fixed Structure Pair Address Size Description |