Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASPDC2BB4AC Fiches technique(PDF) 5 Page - ITT Industries

No de pièce ASPDC2BB4AC
Description  General Purpose Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

ASPDC2BB4AC Fiches technique(HTML) 5 Page - ITT Industries

  ASPDC2BB4AC Datasheet HTML 1Page - ITT Industries ASPDC2BB4AC Datasheet HTML 2Page - ITT Industries ASPDC2BB4AC Datasheet HTML 3Page - ITT Industries ASPDC2BB4AC Datasheet HTML 4Page - ITT Industries ASPDC2BB4AC Datasheet HTML 5Page - ITT Industries ASPDC2BB4AC Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
K
K–48
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K A Series
General Purpose Snap-acting Switches
ACTUATOR
.718
(18,24)
.062
(1,57)
.281
(7,14)
.094
(2,39)
0.5
1
2
14
28
56.7
3
12
18
22
85
340
510
624
W0
.312
(7,92)
.187
(4,75)
.312
(7,92)
.062
(1,57)
0.3
0.5
1
8.5
14
28
1.5
4
6
10
42.5
113
170
283
T0
—
.050
(1,27)
.050
(1,27)
.010
(0,25)
13
6
28
85
170
5
20
30
40
142
567
850
1134
Q0
—
.050
(1,27)
.050
(1,27)
.010
(0,25)
13
6
28
85
170
8
20
30
40
227
567
850
1134
P0
.312
(7,92)
.062
(1,57)
.281
(7,14)
.094
(2,39)
0.5
12
14
28
56.7
3
12
18
22
85
340
510
624
L0
—
.187
(4,75)
.050
(1,27)
.010
(0,25)
13
6
28
85
170
5
20
30
40
142
567
850
1134
J0
—
.050
(1,27)
.050
(1,27)
.010
(0,25)
13
6
28
85
170
8
20
30
40
227
567
850
1134
BB
—
.050
(1,27)
.050
(1,27)
.010
(0,25)
13
6
28
85
170
8
20
30
40
227
567
850
1134
B1
.718
(18,24)
.14
(5,6)
.25
(6,4)
.045
(1,14)
0.4
0.5
1
11
14
28
1.5
4
6
10
42.5
113
170
283
A2
.718
(18,24)
.312
.187
(7,92)
(4,75)
.312
(7,92)
.062
(1,57)
0.3
0.5
1
8.5
14
28
1.5
4
6
10
42.5
113
170
283
A0
OPERATING
POSITION
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
MINIMUM
OVERTRAVEL
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
MAXIMUM
PRETRAVEL
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
MAXIMUM
RELEASE
FORCE (OZ./GRAMS)
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
MINIMUM RELEASE
FORCE (OZ./GRAMS)
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
MAXIMUM OPERATING
FORCE (OZ./GRAMS)
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
OPTION
CODE
NOTE: For basic switch operating forces, see page K-46.
SWITCH CHARACTERISTICS



Html Pages

1 2 3 4 5 6