Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9958 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce L9958
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button L9958 Datasheet HTML 10Page - STMicroelectronics L9958 Datasheet HTML 11Page - STMicroelectronics L9958 Datasheet HTML 12Page - STMicroelectronics L9958 Datasheet HTML 13Page - STMicroelectronics L9958 Datasheet HTML 14Page - STMicroelectronics L9958 Datasheet HTML 15Page - STMicroelectronics L9958 Datasheet HTML 16Page - STMicroelectronics L9958 Datasheet HTML 17Page - STMicroelectronics L9958 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Device description
L9958
14/38
DocID17269 Rev 6
3.3.1
Daisy chain operation
Several L9958 can be connected to one SPI connection in daisy chain operation to save μC
interface pins. The number of devices connected in daisy chain is unlimited.
Figure 8. Daisy chain topology
3.4
SPI timing
Figure 9. SPI timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38