Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54FCT162244CTEB Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 54FCT162244CTEB
Description  FAST CMOS 16-BIT BUFFER/LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

54FCT162244CTEB Fiches technique(HTML) 4 Page - Renesas Technology Corp

  54FCT162244CTEB Datasheet HTML 1Page - Renesas Technology Corp 54FCT162244CTEB Datasheet HTML 2Page - Renesas Technology Corp 54FCT162244CTEB Datasheet HTML 3Page - Renesas Technology Corp 54FCT162244CTEB Datasheet HTML 4Page - Renesas Technology Corp 54FCT162244CTEB Datasheet HTML 5Page - Renesas Technology Corp 54FCT162244CTEB Datasheet HTML 6Page - Renesas Technology Corp 54FCT162244CTEB Datasheet HTML 7Page - Renesas Technology Corp 54FCT162244CTEB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
4
IDT54/74FCT162244T/AT/CT/ET
FASTCMOS16-BITBUFFER/LINEDRIVER
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ΔICC
Quiescent Power Supply Current
VCC = Max.
—
0.5
1.5
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply
VCC = Max.
VIN = VCC
—
60
100
µA/
Current(4)
Outputs Open
VIN = GND
MHz
x
OE = GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
—
0.6
1.5
mA
Outputs Open
VIN = GND
fi = 10MHz
50% Duty Cycle
VIN = 3.4V
—
0.9
2.3
x
OE = GND
VIN = GND
One Bit Toggling
VCC = Max.
VIN = VCC
—
2.4
4.5(5)
Outputs Open
VIN = GND
fi = 2.5MHz
50% Duty Cycle
VIN = 3.4V
—
6.4
16.5(5)
x
OE = GND
VIN = GND
Sixteen Bits Toggling
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
ΔICC DHNT + ICCD (fCPNCP/2 + fiNi)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
ΔICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fi = Input Frequency
Ni = Number of Inputs at fi
POWER SUPPLY CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com