| Moteur de recherche de fiches techniques de composants électroniques |
|
NDH-R6A4 Fiches technique(PDF) 4 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
NDH-R6A4 Fiches technique(HTML) 4 Page - Amphenol Communications Solutions |
|
4 / 6 page ![]() PRODUCT DRAWING (EAR 14988) 3 4 5 6 5 4 3 H G F E D C B A A B C D E F G H 2 1 2 6 NOV10/22 ANGULAR DEGREES K.L. GENERAL TOLERANCES A SCALE: REV DWG. NO. 6 OF Commercial Products CODE ID NO. DESCRIPTION, ECN, EAR NO. APP'D DATE REV REVISIONS Amphenol Canada Corp. 4 DRAWING P-NDH-R6AX ANGLE 1 K. MORRISON DWG SIZE: PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, NDH SERIES, RJ BULKHEAD, HOOD KIT & RoHS COMPLIANT NOV10/22 X K. LAMBIE NOV10/22 ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP. 3:1 03554 EAR 14988 DRAWN CHECKED M.E. APP'D Q.A. APP'D DWG APPR. ENG. REL. NO. REF. SCALE DO NOT UNLESS SPECIFIED OTHERWISE OCT13/22 INCHES PRIMARY UNITS SECONDARY REFERENCE IN PARENTHESES THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR MILLIMETRES 0.30 PROJECTION K. LAMBIE THIRD SHEET 1 DECIMAL PLACE 2 DECIMAL PLACES 3 DECIMAL PLACES A BULKHEAD 32.00 1.260 1.496 38.00 1.016 25.80 R2.00 .079 4X 3.60 THRU .142 4X 19.80 .780 15.80 .622 24.00 .945 3.00 .118 PART IS SUPPLIED WITH GASKET ASSEMBLED |