| Moteur de recherche de fiches techniques de composants électroniques |
|
SP3080EEN/TR Fiches technique(PDF) 6 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP3080EEN/TR Fiches technique(HTML) 6 Page - Sipex Corporation |
|
6 / 21 page ![]() Rev N 9/15/2006 SP3080E Advanced RS485 Transceivers © Copyright 2006 Sipex Corporation 6 TIMING CHARACTERISTICS SP3080E Conditions Min. Typ. Max. Unit DRIVER CHARACTERISTICS: Data Signaling Rate (1 / tUI) Duty Cycle 40 to 60% 115 Kbps Driver Propagation Delay (tPHL, tPLH) RL = 54Ω, CL = 50pF, Figure 3 500 1000 2600 ns Driver Output Rise/Fall Time (tR, tF) 667 800 2500 ns Driver Differential Skew (tPLH – tPHL) 40 ±200 ns Driver Enable to Output High (tDZH) SP3080E Figure 4, 5 3500 ns Driver Enable to Output Low (tDZL) 3500 ns Driver Disable from Output High (tDHZ) 100 ns Driver Disable from Output Low (tDLZ) 100 ns Shutdown to Driver Output Valid (tDZV) Figure 5 6000 ns Receiver CHARACTERISTICS: Conditions Min. Typ. Max. Unit Receiver Prop. Delay CL = 15pF, VID = ±2V, Figure 6 90 200 ns Differential Receiver Skew 6 ±30 ns Receiver Output Rise/Fall Time CL = 15pf 15 ns Receiver Enable to Output High (tZH) Figure 7, 8 20 50 ns Receiver Enable to Output Low (tZL) Figure 7, 8 16 50 ns Receiver Disable from High (tHZ) Figure 7, 8 20 50 ns Receiver Disable from Low (tLZ) Figure 7, 8 18 50 ns Shutdown to Receiver Output Valid (tROV) 3500 ns Time to Shutdown, Note 3,5 50 200 600 ns Unless otherwise stated, VCC=5V±10%, TAMB= TMIN to TMAX. Typical values at TAMB=25ºC Notes: 1. Change in Magnitude of Differential Output Voltage and Change in Magnitude of Common Mode Output Voltage are the changes in output voltage when DI input changes state. 3. The transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 50ns the device does not enter shutdown. If the enable inputs are held in this state for at least 600ns the device will be in shutdown. In this low power mode most circuitry is disabled and supply current is typically 650nA. 4.Hot-swap circuit adds pull-down resistance to first DE or RE transition. 5. Characterized, Not 100% tested PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Thermal Shutdown Temperature Junction temperature 165 o C Thermal Shutdown Hysteresis 15 ESD Protection for A, B, Y, Z pins IEC 1000-4-2 Air Discharge ±15 kV IEC 1000-4-2 Contact ±8 Human Body Model ±15 ESD Protection for RO, DI, DE, RE pins Human Body Model ±2 ELECTRICAL CHARACTERISTICS Unless otherwise stated, VCC=5V±10%, TAMB= TMIN to TMAX. Typical values at TAMB=25ºC Notes: 1. Change in Magnitude of Differential Output Voltage and Change in Magnitude of Common Mode Output Voltage are the changes in output voltage when DI input changes state. 3. The transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 50ns the device does not enter shutdown. If the enable inputs are held in this state for at least 600ns the device will be in shutdown. In this low power mode most circuitry is disabled and supply current is typically 650nA. 4.Hot-swap circuit adds pull-down resistance to first DE or RE transition. |