Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT5419 Fiches technique(PDF) 13 Page - Catalyst Semiconductor

No de pièce CAT5419
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5419 Fiches technique(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT5419 Datasheet HTML 9Page - Catalyst Semiconductor CAT5419 Datasheet HTML 10Page - Catalyst Semiconductor CAT5419 Datasheet HTML 11Page - Catalyst Semiconductor CAT5419 Datasheet HTML 12Page - Catalyst Semiconductor CAT5419 Datasheet HTML 13Page - Catalyst Semiconductor CAT5419 Datasheet HTML 14Page - Catalyst Semiconductor CAT5419 Datasheet HTML 15Page - Catalyst Semiconductor CAT5419 Datasheet HTML 16Page - Catalyst Semiconductor CAT5419 Datasheet HTML 17Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
11
w w w . c a t s e m i . c o m
ALO
GENFR
TM
LEAD FREE
SUPERVISORS WITH EEPROM MEMORY
Part
Number
Density (org)
Reset
Typ
Reset Pulse
Width
Write
Protect
Manual
Reset
Watchdog
Timer
Input
Packages (Pin Count)1
DIP
(P,L,GL)
MSOP
(R,Z,GZ)
SOIC
(J,W,GW)
TSSOP
(U,Y,GY)
TDFN
(RD4,ZD4,GD4)
TDFN
(RD2,ZD2,GD2)
Low High
(3x3mm)
(3x4.9mm)
CAT1021
2Kb (256x8)
200ms
SDA
8
8
8
8
8
CAT1022
2Kb (256x8)
200ms
SDA
8
8
8
8
8
CAT1023
2Kb (256x8)
200ms
WDI
8
8
8
8
8
CAT1024
2Kb (256x8)
200ms
8
8
8
8
8
CAT1025
2Kb (256x8)
200ms
8
8
8
8
8
CAT1026
2Kb (256x8)
200ms
2
8
8
8
8
8
CAT1027
2Kb (256x8)
200ms
2
WDI
8
8
8
8
8
CAT1161
16Kb(2048x8)
200ms
2
SDA
8
8
CAT1162
16Kb (2048x8)
200ms
2
8
8
CAT1163
16Kb (2048x8)
200ms
2
WDI
8
8
CAT1320
32Kb (4096x8)
200ms
2
8
8
8
8
CAT1321
32Kb (4096x8)
200ms
8
8
8
8
CAT1640
64Kb (8192x8)
200ms
2
8
8
8
8
CAT1641
64Kb (8192x8)
200ms
8
8
8
8
µ P s u p e r v i s o r y c i r c u i t s
All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com.
Note:
1. Available in standard and“green”packages.
2. RESET pin can be used as an input for Push-Button MR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28