Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER20ADIP-E Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce VIPER20ADIP-E
Description  SMPS primary I.C.
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER20ADIP-E Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button VIPER20ADIP-E Datasheet HTML 22Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 23Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 24Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 25Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 26Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 27Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 28Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 29Page - STMicroelectronics VIPER20ADIP-E Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Package mechanical data
VIPer20A-E
26/34
Figure 27. Package dimensions
Table 11.
DIP-8 Mechanical data
Dim.
mm
Inch
Min
Typ
Max
Min
Typ
Max
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
6.6
0.260
I
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34