| Moteur de recherche de fiches techniques de composants électroniques |
|
CAT4134 Fiches technique(PDF) 13 Page - Catalyst Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT4134 Fiches technique(HTML) 13 Page - Catalyst Semiconductor |
|
13 / 28 page ![]() 11 w w w . c a t s e m i . c o m ALO GENFR TM LEAD FREE SUPERVISORS WITH EEPROM MEMORY Part Number Density (org) Reset Typ Reset Pulse Width Write Protect Manual Reset Watchdog Timer Input Packages (Pin Count)1 DIP (P,L,GL) MSOP (R,Z,GZ) SOIC (J,W,GW) TSSOP (U,Y,GY) TDFN (RD4,ZD4,GD4) TDFN (RD2,ZD2,GD2) Low High (3x3mm) (3x4.9mm) CAT1021 2Kb (256x8) 200ms SDA 8 8 8 8 8 CAT1022 2Kb (256x8) 200ms SDA 8 8 8 8 8 CAT1023 2Kb (256x8) 200ms WDI 8 8 8 8 8 CAT1024 2Kb (256x8) 200ms 8 8 8 8 8 CAT1025 2Kb (256x8) 200ms 8 8 8 8 8 CAT1026 2Kb (256x8) 200ms 2 8 8 8 8 8 CAT1027 2Kb (256x8) 200ms 2 WDI 8 8 8 8 8 CAT1161 16Kb(2048x8) 200ms 2 SDA 8 8 CAT1162 16Kb (2048x8) 200ms 2 8 8 CAT1163 16Kb (2048x8) 200ms 2 WDI 8 8 CAT1320 32Kb (4096x8) 200ms 2 8 8 8 8 CAT1321 32Kb (4096x8) 200ms 8 8 8 8 CAT1640 64Kb (8192x8) 200ms 2 8 8 8 8 CAT1641 64Kb (8192x8) 200ms 8 8 8 8 µ P s u p e r v i s o r y c i r c u i t s All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com. Note: 1. Available in standard and“green”packages. 2. RESET pin can be used as an input for Push-Button MR. |