| Moteur de recherche de fiches techniques de composants électroniques |
|
CAT310 Fiches technique(PDF) 4 Page - Catalyst Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT310 Fiches technique(HTML) 4 Page - Catalyst Semiconductor |
|
4 / 28 page ![]() Visit our website for samples, data sheets, and additional product information. 2 ALO GENFR TM LEAD FREE Founded in 1985, Catalyst Semiconductor, Inc. is headquartered in Sunnyvale, California. Catalyst is a leading supplier of high performance analog/ mixed-signal solutions and nonvolatile memory products used in automotive, aircraft, telecommunications, computation, industrial and consumer markets.Catalyst designs and markets a broad range of analog/mixed-signal products such as White LED Drivers,DC-DC converters,GPI/O expanders, DigitallyProgrammablePotentiometers(DPP™),MicrocontrollerSupervisorycircuitsandotheranalog/mixed-signalproducts.Programmableproducts include Serial and Parallel EEPROMs with I2C, SPI and Microwire interfaces, as well as NVRAM and low density Flash Memories.Typical applications include LCD displays,digital cameras,cell phones,automotive instrumentation,modems,wireless LANs,network cards,DIMM modules,digital satellite box receivers,set-top boxes and Internet routers.Catalyst’s Quality Management System is ISO 9001:2000 certified.For additional information about Catalyst Semiconductor,visit our website at:www.catsemi.com. i n t r o d u c t i o n µP Supervisors Mixed Signal Memory Serial EEPROMs Parallel EEPROMs Flash NVRAM CATALYST Technology Core Digitally Programmable Potentiometers (DPP™) DC-DC Converters White LED Drivers I2C Interface I/O Expanders Low Voltage Shunt Regulators |