Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCA-RF Fiches technique(PDF) 2 Page - AAEON Technology

No de pièce SCA-RF
Description  SCA-RF is an RF Module with Wireless Capabilities, Suitable for Smart City/ Industrial Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAEON [AAEON Technology]
Site Internet  http://www.aaeon.com
Logo AAEON - AAEON Technology

SCA-RF Fiches technique(HTML) 2 Page - AAEON Technology

  SCA-RF Datasheet HTML 1Page - AAEON Technology SCA-RF Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.aaeon.com
Note: All specifications are subject to change without notice.
14-6
Dimension
Unit: mm
SCA-RF
30.00 +0.00/-0.30
M A B C
0.10
2x Ø2.60 ± 0.10
A B C
Ø0.10
24.20
8.25
50.95
+0.00/-0.30
48.05
e
d
i
S
m
o
tt
o
B
e
d
i
S
p
o
T
3.85
1.65
See Detail A
Pin 1
Pin 51
See Detail B
2x R 0.80 MAX
B
of Card Width
50.95
REF
Pin numbering reference:
Odd pins – Top Side
Even pins – Bottom Side
25.70
M A B C
0.10
13.60
2x 2.15 REF
Both Sides
5.60
Both Sides
2x 3.20 MIN
Pin 2
Pin 52
C
8.25
C
2.05



Html Pages

1 2