Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS9LPRS464 Fiches technique(PDF) 20 Page - Renesas Technology Corp

No de pièce ICS9LPRS464
Description  System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS464 Fiches technique(HTML) 20 Page - Renesas Technology Corp

Back Button ICS9LPRS464 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 21Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 22Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 23Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
ICS9LPRS464
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUss
IDTTM/ICSTM
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
1377A—04/07/08
RESET_IN# - Assertion (transition from '1' to '0')
The pin is a Schmitt trigger input with debouncing. After it is triggered, REF clocks will wait for two clock cycle to
Asserting RESET_IN pin stops all the outputs including CPU, SRC, ATIG, PCI and USB with the REF[2:0] running.
be power down and re-power up, and SMBus will be reloaded. It will take no more than 2.5mS for the clocks to come
out with correct frequencies and no glitches.
** Deassertion of RESET_IN# (transition from '0' to '1') has NO effect on the clocks.
ensure the RESET_IN is asserted. Then, it will take 3uS for the clocks to stop without glitches. The clock chip will
2.5mS max
3 uS max
2 clock
cycles
RESET_IN#
REF [2:0]
*CLKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24