| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS9LPRS355 Fiches technique(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9LPRS355 Fiches technique(HTML) 22 Page - Renesas Technology Corp |
|
22 / 28 page ![]() 22 ICS9LPRS355 Datasheet 1205—06/24/14 Byte 14 VCO Frequency Control Register PLL1 Bit Pin Name Description Type 0 1 Default 7 N Div7 RW - - X 6 N Div6 RW - - X 5 N Div5 RW - - X 4 N Div4 RW - - X 3 N Div3 RW - - X 2 N Div2 RW - - X 1 N Div1 RW - - X 0 N Div0 RW - - X Byte 15 Spread Spectrum Control Register PLL1 Bit Pin Name Description Type 0 1 Default 7 SSP7 RW - - X 6 SSP6 RW - - X 5 SSP5 RW - - X 4 SSP4 RW - - X 3 SSP3 RW - - X 2 SSP2 RW - - X 1 SSP1 RW - - X 0 SSP0 RW - - X Byte 16 Spread Spectrum Control Register PLL1 Bit Pin Name Description Type 0 1 Default 7 Reserved Reserved RW - - 0 6 SSP14 RW - - x 5 SSP13 RW - - X 4 SSP12 RW - - X 3 SSP11 RW - - X 2 SSP10 RW - - X 1 SSP9 RW - - X 0 SSP8 RW - - X Byte 17 VCO Frequency Control Register PLL3 Bit Pin Name Description Type 0 1 Default 7 N Div8 N Divider 8 RW - - X 6 N Div9 N Divider 9 RW - - X 5 M Div5 RW - - X 4 M Div4 RW - - X 3 M Div3 RW - - X 2 M Div2 RW - - X 1 M Div1 RW - - X 0 M Div0 RW - - X Byte 18 VCO Frequency Control Register PLL3 Bit Pin Name Description Type 0 1 Default 7 N Div7 RW - - X 6 N Div6 RW - - X 5 N Div5 RW - - X 4 N Div4 RW - - X 3 N Div3 RW - - X 2 N Div2 RW - - X 1 N Div1 RW - - X 0 N Div0 RW - - X The decimal representation of N Div (9:0) is equal to VCO divider value. Default at power up = latch-in or Byte 0 Rom table. These Spread Spectrum bits will program the spread pecentage. Contact ICS for the correct values. These Spread Spectrum bits will program the spread pecentage. Contact ICS for the correct values. The decimal representation of M Div (5:0) is equal to reference divider value. Default at power up = latch-in or Byte 0 Rom table. The decimal representation of N Div (9:0) is equal to VCO divider value. Default at power up = latch-in or Byte 0 Rom table. |