| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS9LP505-1 Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9LP505-1 Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 21 page ![]() 1112F—02/27/09 ICS9LP505-1 64-pin CK505 for Desktop Systems IDT® 64-pin CK505 for Desktop Systems 13 1 1 1 X Enable Running Running Running Running 0 X X X Enable Low/20K Low Low/20K Low 1 0 X X Enable High Low High Low 1 X X X Disable Low/20K Low Low/20K Low Running Running Low/20K Low CPU(0,2) CPU(0,2)# M1 CPU Power Management Table PD# CPU_STOP# PCI_STOP# CR# SMBus Register OE CPU1 CPU1# SRC/LCD SRC#/LCD# SRC/LCD SRC#/LCD# 1 X 1 0 Enable Running Running Running Running Running Running 0 X X X Enable Low/20K Low Low/20K Low Low/20K Low 1 X 0 X Enable Running Running High Low Running Running 1 X X 1 Enable Running Running Low/20K Low Running Running 1 X X X Disable Low/20K Low Low/20K Low Low/20K Low Low/20K Low Low/20K Low Low/20K Low M1 DOT DOT# Free-Run PCI Stoppable/CR Selected PD# CPU_STOP# PCI_STOP# CR# SMBus Register OE SRC, LCD, DOT Power Management Table PCIF/PCI PCIF/PCI Free-run Stoppable 1 X 1 X Enable Running Running Running Running 0 X X X Enable Low Low Low Low 1 X 0 X Enable Running Low Running Running 1 X X X Disable Low Low Low Low Low Low Low Low USB REF M1 PD# CPU_STOP# PCI_STOP# CR# SMBus Register OE Singled-ended Power Management Table |