Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS9DB423 Fiches technique(PDF) 17 Page - Renesas Technology Corp

No de pièce ICS9DB423
Description  4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB423 Fiches technique(HTML) 17 Page - Renesas Technology Corp

Back Button ICS9DB423 Datasheet HTML 13Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 14Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 15Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 16Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 17Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 18Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 19Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 20Page - Renesas Technology Corp ICS9DB423 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
ICS9DB423B
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
IDT®
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
17
ICS9DB423B
REV E 091812
Package Outline and Package Dimensions (28-pin, 209 mil SSOP)
INDEX
AREA
1 2
28
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A--
2.00
--
0.079
A1
0.05
0.002
A2
1.65
1.85
0.065
0.073
b
0.22
0.38
0.009
0.015
C
0.09
0.25
0.0035
0.010
D
9.90
10.50
0.390
0.413
E
7.40
8.20
0.291
0.323
E1
5.00
5.60
0.197
0.220
e
0.65 Basic
0.0256 Basic
L
0.55
0.95
0.022
0.037
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21