Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWS-2275 Fiches technique(PDF) 2 Page - AAEON Technology

No de pièce FWS-2275
Description  Desktop 3 LAN Ports Network Appliance with Intel® Celeron® Processor N3350
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAEON [AAEON Technology]
Site Internet  http://www.aaeon.com
Logo AAEON - AAEON Technology

FWS-2275 Fiches technique(HTML) 2 Page - AAEON Technology

  FWS-2275 Datasheet HTML 1Page - AAEON Technology FWS-2275 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-10
Note: All specifications are subject to change without notice.
www.aaeon.com
0
1
Dimension
Unit: mm
FWS-2275
Ordering Information
• Antenna x 2
• Power Adapter x 1
• VESA mount x 1
• FWS-2275
Packing List
• 1702031802
Power Cord, 3P-250V/10A, 180D, 1.8M, USA, YP22/YP12
• 1702031803
Power Cord, 3P-250V/10A, 180D, 1.8M, VDE, YP22/YP12
• 170203180B
Power Cord, 3P-250V/10A, 180D, 1.8M, China, YP-03/YC-12
• 170203180E
Power Cord, 3P-250V/10A, 180D, 1.8M, PSE, YP12/YC-12
Optional Accessories
Part Number
CPU
Memory
Mini-Card Slot
Storage
Display
LAN
USB
Console
Bypass
TPM
Fan Mounting
Power
Note
FWS-
2275E3-A10-00
Intel® Celeron®
N3350
Onboard LPDDR4
2GB memory
Mini-Card Full Size Slot
with SIM Socket x 1
(USB 2.0)
16GB eMMC
SATA III Port x 1 for SATA DOM
Micro SD card Reader x 1
Intel® i211 x 3 USB 3.2 Gen 1 x 2
Micro USB
console x 1
Desktop
DC 12V,40W Power
Adapter x1
* Please contact AAEON for
other optional specifications.
115



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com