Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

88C47-AF5-R Fiches technique(PDF) 8 Page - Unisonic Technologies

No de pièce 88C47-AF5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88C47-AF5-R Fiches technique(HTML) 8 Page - Unisonic Technologies

Back Button 88C47-AF5-R Datasheet HTML 4Page - Unisonic Technologies 88C47-AF5-R Datasheet HTML 5Page - Unisonic Technologies 88C47-AF5-R Datasheet HTML 6Page - Unisonic Technologies 88C47-AF5-R Datasheet HTML 7Page - Unisonic Technologies 88C47-AF5-R Datasheet HTML 8Page - Unisonic Technologies 88C47-AF5-R Datasheet HTML 9Page - Unisonic Technologies 88C47-AF5-R Datasheet HTML 10Page - Unisonic Technologies 88C47-AF5-R Datasheet HTML 11Page - Unisonic Technologies 88C47-AF5-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
88CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8
www.unisonic.com.tw
QW-R502-040,A
V
+VDET
VDD
td
OUT
Figure 3
5. Through-type current
Through-type current refers to the current which flows instantaneously, at the time of detection and release of a
voltage detector. Through-type current is large in CMOS output devices.
6. Oscillation
In applications where a resistor is connected to the voltage detector input , in the CMOS active low products for
example, the through-type current generated when the output goes from low to high (release) causes a voltage
drop equal to [through-type current]×[input resistance] across the resistor. When the resultant input voltage drops
below the detection voltage -VDET, the output voltage returns to its low level. In this state, the through-type current
and its resultant voltage drop have disappeared, and the output goes back from low to high. A through-type current
is again generated, a voltage drop appears, and the process repeats. This unstable condition is referred to as
oscillation.
STANDARD CIRCUIT
Connect directly the CD capacitor for delay between CD and Vss terminals
VDD
CD
Vss
OUT
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16