Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7763 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce AD7763
Description  24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7763 Fiches technique(HTML) 13 Page - Analog Devices

Back Button AD7763 Datasheet HTML 9Page - Analog Devices AD7763 Datasheet HTML 10Page - Analog Devices AD7763 Datasheet HTML 11Page - Analog Devices AD7763 Datasheet HTML 12Page - Analog Devices AD7763 Datasheet HTML 13Page - Analog Devices AD7763 Datasheet HTML 14Page - Analog Devices AD7763 Datasheet HTML 15Page - Analog Devices AD7763 Datasheet HTML 16Page - Analog Devices AD7763 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD7763
Rev. 0 | Page 13 of 32
4500
1000
500
1500
2000
2500
3000
3500
4000
0
8385341
8385401
8385391
8385381
8385371
8385361
8385351
24-BIT CODE
Figure 18. Normal Mode, 24-Bit Histogram, 256× Decimation
0.0010
–0.0010
0
16777216
24-BIT CODE
0.0005
0
–0.0005
4194304
8388608
12582912
+25
°C
–40
°C
+85
°C
Figure 19. 24-Bit INL, Normal Power Mode
0.65
–0.6
0
16777216
24-BIT CODE
0.2
0.4
0
–0.2
–0.4
4194304
8388608
12582912
Figure 20. 24-Bit DNL
6000
1000
2000
3000
4000
5000
0
8383091
8383191
8383171
8383151
8383131
8383111
24-BIT CODE
Figure 21. Low Power 24-Bit Histogram, 256× Decimation
0.0015
–0.0010
0
16777216
24-BIT CODE
0.0005
0.0010
0
–0.0005
4194304
8388608
12582912
+25
°C
–40
°C
+85
°C
Figure 22. 24-Bit INL, Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32