Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5532ABC-3 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD5532ABC-3
Description  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-3 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD5532ABC-3 Datasheet HTML 3Page - Analog Devices AD5532ABC-3 Datasheet HTML 4Page - Analog Devices AD5532ABC-3 Datasheet HTML 5Page - Analog Devices AD5532ABC-3 Datasheet HTML 6Page - Analog Devices AD5532ABC-3 Datasheet HTML 7Page - Analog Devices AD5532ABC-3 Datasheet HTML 8Page - Analog Devices AD5532ABC-3 Datasheet HTML 9Page - Analog Devices AD5532ABC-3 Datasheet HTML 10Page - Analog Devices AD5532ABC-3 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. A
AD5532B
–7–
PIN CONFIGURATION
A
B
C
D
E
F
G
H
J
K
L
A
B
C
D
E
F
G
H
J
K
L
123456789
10
11
123456789
10
11
74-Lead CSPBGA Ball Configuration
CSPBGA
Ball
CSPBGA
Ball
CSPBGA
Ball
Number
Name
Number
Name
Number
Name
A1
NC
*
C10
AVCC1
J10
VO9
A2
A4
C11
REF_OUT
J11
VO11
A3
A2
D1
VO20
K1
VO17
A4
A0
D2
DAC_GND2
K2
VO15
A5
CS/SYNC
D10
AVCC2
K3
VO27
A6
DVCC
D11
OFFS_OUT
K4
VSS3
A7
SCLK
E1
VO26
K5
VSS1
A8
OFFSET_SEL
E2
VO14
K6
VSS4
A9
BUSY
E10
AGND1
K7
VDD2
A10
TRACK/RESET
E11
OFFS_IN
K8
VO2
A11
NC
*
F1
VO25
K9
VO10
B1
VO16
F2
VO21
K10
VO13
B2
NC
*
F10
AGND2
K11
VO12
B3
A3
F11
VO6
L1
NC
*
B4
A1
G1
VO24
L2
VO28
B5
WR
G2
VO8
L3
VO29
B6
DGND
G10
VO5
L4
VO30
B7
DIN
G11
VO3
L5
VDD3
B8
CAL
H1
VO23
L6
VDD1
B9
SER/
PAR
H2
VIN
L7
VDD4
B10
DOUT
H10
VO4
L8
VO31
B11
REF_IN
H11
VO7
L9
VO0
C1
VO18
J1
VO22
L10
VO1
C2
DAC_GND1
J2
VO19
L11
NC
*
C6
NC
*
J6
VSS2
*NC = Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16