Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCAL9714 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce PCAL9714
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714 Fiches technique(HTML) 2 Page - NXP Semiconductors

  PCAL9714 Datasheet HTML 1Page - NXP Semiconductors PCAL9714 Datasheet HTML 2Page - NXP Semiconductors PCAL9714 Datasheet HTML 3Page - NXP Semiconductors PCAL9714 Datasheet HTML 4Page - NXP Semiconductors PCAL9714 Datasheet HTML 5Page - NXP Semiconductors PCAL9714 Datasheet HTML 6Page - NXP Semiconductors PCAL9714 Datasheet HTML 7Page - NXP Semiconductors PCAL9714 Datasheet HTML 8Page - NXP Semiconductors PCAL9714 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
The device Port P outputs have 25 mA sink capabilities for directly driving LEDs while consuming low device
current.
One hardware pin (ADDR) can be used to program and vary the fixed SPI-bus address and allow up to four
devices to share the same SPI bus.
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
2 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56