Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

321410102 Fiches technique(PDF) 2 Page - ITT Industries

No de pièce 321410102
Description  Thumbwheel Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

321410102 Fiches technique(HTML) 2 Page - ITT Industries

  321410102 Datasheet HTML 1Page - ITT Industries 321410102 Datasheet HTML 2Page - ITT Industries 321410102 Datasheet HTML 3Page - ITT Industries 321410102 Datasheet HTML 4Page - ITT Industries 321410102 Datasheet HTML 5Page - ITT Industries 321410102 Datasheet HTML 6Page - ITT Industries 321410102 Datasheet HTML 7Page - ITT Industries 321410102 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
C&K 3 Series
Thumbwheel Switches
SERIES
NUMBER OF SECTIONS
FUNCTION CODE
N
Available Terminations: 0, 1, N
See fig. 1, page N-12.
Available Terminations: 1
See fig. 1, page N-12.
See fig. 1, page N-12.
Available Terminations: 0, 1, N
21
BCD 1-2-4-8; 10 POSITION
14
RESISTOR DECADE; 1-2-2-2-2 CODE
(RESISTORS NOT SUPPLIED)
11
DECIMAL–1 POLE; 10 POSITION
9
More than 8 switch sections, specify on CONFIGURATION FORM, page N–15 and consult Customer Service Center.
1-8 Number of switch sections in assembly, includes endplates.
0
Switch section only, no assembly. Blank bodies are considered sections; endplates are not sections.
Must be ordered with 09 or 19 mounting style options, see pages N–10 and N–11.
3
THUMBWHEEL SWITCHES
NOTE: Endplates and blank sections available separately, see pages N–13 and N–14.
NOTE: For terminal location diagram, see page N-12.
N–9
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com



Html Pages

1 2 3 4 5 6 7 8