| Moteur de recherche de fiches techniques de composants électroniques |
|
X05160CR1-R Fiches technique(PDF) 1 Page - MTRONPTI |
|
|
|||||||||||||||||||||||||||||
X05160CR1-R Fiches technique(HTML) 1 Page - MTRONPTI |
|
|
1 / 1 page ![]() MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. Revison: 7-11-06 XO5160 Series 14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO Pin Connections Standard DIP/DIL package offering tight stabilities, fast warm-up, and low current Ideal for PCS base stations, cellular base stations, phase locking, and SAR/SAT applications • • |
Description similaire - X05160CR1-R |