Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MA7906AA Fiches technique(PDF) 2 Page - Major-Power Technology Co., LTD.

No de pièce MA7906AA
Description  Ratio-metric Linear Hall Effect Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPOWER [Major-Power Technology Co., LTD.]
Site Internet  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7906AA Fiches technique(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7906AA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7906AA Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/7
MA7906
Major Power Technology Co., Ltd.
Rev.1.0
28
th, Apr., 2020
PIN ASSIGNMENT
The packages of MA7906 are SOT23-3L and SIP-3L; the pin assignment is given by:
ORDER / MARKING INFORMATION
Order Information
Top Marking (SIP-3L)
Package
MA7906
Packing
A : Taping
XX X
Blank: Bag
P3: SIP-3L
YWWX
496
ID CODE : Internal use
WW:01~52
Year:7=2017
Order Information
Top Marking (SOT23-3L)
Package
MA7906
Packing
A : Taping
XX X
Blank: Bag
A: SOT23L
XX
496
ID CODE : Internal use
BLOCK DIAGRAM
VDD
Hall
Plate
OUT
Amp.
GND
Control
Circuit
VDD
OUT
GND
1
VDD
2
GND
3
OUT
( Marking Side )
SIP-3L
2
3
1
SOT23-3L
( Marking Side )
Name
Description
VDD
Supply Voltage
OUT
Output
GND Ground.



Html Pages

1 2