| Moteur de recherche de fiches techniques de composants électroniques |
|
STM1404CSMDQ6F Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1404CSMDQ6F Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 9 page ![]() 3/9 STM1404 Figure 3. QFN16 Connections Note: See PIN DESCRIPTIONS of the full datasheet for details. 1. Normal Mode: Low when VOUT is internally switched to VCC and High when VOUT is internally switched to battery. 2. SAL, RST, PFO, and BLD are Open Drain. 3. VREF only for STM1404A; VTPU for STM1404B/C. 1 PFO(2) PFI TP1 (NH) BLD(2) MR RST(2) VCC VCCSW (1) VOUT VREF or VTPU (3) VBAT VSS AI09683 2 3 4 8 7 6 5 SAL(2) 9 10 11 12 13 14 15 16 TP2 (NL) TP3 (NH) TP4 (NL) |