| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5566MZP132 Fiches technique(PDF) 18 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5566MZP132 Fiches technique(HTML) 18 Page - Freescale Semiconductor, Inc |
|
18 / 54 page ![]() MPC5566 Microcontroller Data Sheet, Rev. 0 Preliminary—Subject to Change Without Notice Electrical Characteristics Freescale Semiconductor 18 3.8.2 I/O Pad VDD33 Current Specifications The power consumption of the VDD33 supply dependents on the usage of the pins on all I/O segments. The power consumption is the sum of all input and output pin VDD33 currents for all I/O segments. The output pin VDD33 current can be calculated from Table 11 based on the voltage, frequency, and load on all fast (pad_fc) pins. The input pin VDD33 current can be calculated from Table 11 based on the voltage, frequency, and load on all pad_sh and pad_sh pins. Use linear scaling to calculate pin currents for voltage, frequency, and load parameters that fall outside the values given in Table 11. 2 All loads are lumped. Table 11. VDD33 Pad Average DC Current1 Num Pad Type Symbol Frequency (MHz) Load2 (pF) VDD33 (V) VDDE (V) Drive Select Current (mA) Inputs 1Slow I33_SH 66 0.5 3.6 5.5 NA 0.003 2 Medium I33_MH 66 0.5 3.6 5.5 NA 0.003 Outputs 3Fast I33_FC 66 10 3.6 3.6 00 0.35 466 20 3.6 3.6 01 0.53 566 30 3.6 3.6 10 0.62 666 50 3.6 3.6 11 0.79 7 66 10 3.6 1.98 00 0.35 8 66 20 3.6 1.98 01 0.44 9 66 30 3.6 1.98 10 0.53 10 66 50 3.6 1.98 11 0.7 11 56 10 3.6 3.6 00 0.30 12 56 20 3.6 3.6 01 0.45 13 56 30 3.6 3.6 10 0.52 14 56 50 3.6 3.6 11 0.67 15 56 10 3.6 1.98 00 0.30 16 56 20 3.6 1.98 01 0.37 17 56 30 3.6 1.98 10 0.45 18 56 50 3.6 1.98 11 0.60 19 40 10 3.6 3.6 00 0.21 20 40 20 3.6 3.6 01 0.31 21 40 30 3.6 3.6 10 0.37 22 40 50 3.6 3.6 11 0.48 23 40 10 3.6 1.98 00 0.21 24 40 20 3.6 1.98 01 0.27 25 40 30 3.6 1.98 10 0.32 26 40 50 3.6 1.98 11 0.42 |