| Moteur de recherche de fiches techniques de composants électroniques |
|
BAV99S Fiches technique(PDF) 2 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
BAV99S Fiches technique(HTML) 2 Page - Nexperia B.V. All rights reserved |
|
2 / 14 page ![]() © Nexperia B.V. 2017. All rights reserved BAV99_SER All information provided in this document is subject to legal disclaimers. Product data sheet Rev. 8 — 18 November 2010 2 of 14 Nexperia BAV99 series High-speed switching diodes 2. Pinning information 3. Ordering information 4. Marking [1] * = placeholder for manufacturing site code Table 3. Pinning Pin Description Simplified outline Graphic symbol BAV99; BAV99W 1 anode (diode 1) 2 cathode (diode 2) 3 cathode (diode 1), anode (diode 2) BAV99S 1 anode (diode 1) 2 cathode (diode 2) 3 cathode (diode 3), anode (diode 4) 4 anode (diode 3) 5 cathode (diode 4) 6 cathode (diode 1), anode (diode 2) 006aaa144 12 3 006aaa763 12 3 13 2 4 5 6 006aab101 13 6 2 54 Table 4. Ordering information Type number Package Name Description Version BAV99 - plastic surface-mounted package; 3 leads SOT23 BAV99S SC-88 plastic surface-mounted package; 6 leads SOT363 BAV99W SC-70 plastic surface-mounted package; 3 leads SOT323 Table 5. Marking codes Type number Marking code[1] BAV99 A7* BAV99S K1* BAV99W A7* |