Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSFLK_DS Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce FSFLK_DS
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK_DS Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button FSFLK_DS Datasheet HTML 17Page - NXP Semiconductors FSFLK_DS Datasheet HTML 18Page - NXP Semiconductors FSFLK_DS Datasheet HTML 19Page - NXP Semiconductors FSFLK_DS Datasheet HTML 20Page - NXP Semiconductors FSFLK_DS Datasheet HTML 21Page - NXP Semiconductors FSFLK_DS Datasheet HTML 22Page - NXP Semiconductors FSFLK_DS Datasheet HTML 23Page - NXP Semiconductors FSFLK_DS Datasheet HTML 24Page - NXP Semiconductors FSFLK_DS Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
Figure 12. Distorted (left) and Corrected (right) Magnetic Field Data (simulated)
Both hard- and soft-iron interferences are a function of the sensor environment, and not the sensor
itself. Each product design will inevitably result in different distortions.
Engineers assigned the task of physically designing PCBs and housings should pay careful attention to
sources of magnetic interference early in the design phase.
Inductive charging films found in some portable devices exhibit a significant amount of magnetic
hysteresis. This is a nonlinear phenomena and cannot be fully corrected by the Freescale magnetic
calibration library.
4.7.2
The Magnetic Buffer
Freescale’s magnetic calibration library performs a total least squares fit of a number of data points to
map the measured ellipsoid of measurements back into the ideal sphere. Quality of that fit improves as
number and spacing of samples across the ellipsoid surface increases. There is a tradeoff in terms of
data set size used for calibration versus CPU resources versus quality of fit.
Figure 13 shows improvement in standard deviation of computed results (for a uniform field) versus
constellation size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37