Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSFLK Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce FSFLK
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button FSFLK Datasheet HTML 7Page - NXP Semiconductors FSFLK Datasheet HTML 8Page - NXP Semiconductors FSFLK Datasheet HTML 9Page - NXP Semiconductors FSFLK Datasheet HTML 10Page - NXP Semiconductors FSFLK Datasheet HTML 11Page - NXP Semiconductors FSFLK Datasheet HTML 12Page - NXP Semiconductors FSFLK Datasheet HTML 13Page - NXP Semiconductors FSFLK Datasheet HTML 14Page - NXP Semiconductors FSFLK Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs
Freescale Semiconductor, Inc.
3.3 Terms and Acronyms
Term
DUT
Device Under Test
ENU
A global frame of reference described by X =
g
abbreviation for gravities. 1 standard gravity
the local gravimetric field, which can vary by 1/2 percent depending upon altitude and latitude.
gauss
CGS system unit for measuring magnetic field strength. 100
IMU
Inertial Measurement Unit = acce
Kinetis
Freescale family of ARM®-based MCUs
MagCal
Magnetic Calibration
MARG
Magnetic Angular Rate Gravity = IMU + magnetometer
MCU
Micro-Controller Unit
microTesla
The Tesla is the SI unit for measuring magnetic field strength. 1E
NED
A global frame of reference described by X =
pitch
In the Aerospace/NED frame of reference, defined as a rotation about the Y
RHR
Right Hand Rule—a standard convention for describing the positive/negative sense of rotations about an axis
of rotation. See http://en.wikipedia.org/wiki/Right_hand_rule
roll
In the Aerospace/NED frame of reference, defined as a rotation about the X
RPY
Roll, Pitch, and Yaw. In the Aerospace/NED frame of reference these are defined as rotations about the X
axis,Y axis, and Z axis
SI
International System of Units (meter, kilogram,
SLERP
Spherical Linear intERPolation
SysTick
A feature of the ARM® processor; a
clock cycle.
tilt
Angle from vertical
UART
Universal Asynchronous Receiver / Transmitter, also known as SCI (Serial Communications Interface)
yaw
In the Aerospace/NED frame of reference, defined as a rotation about the Z
Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Terms and Acronyms
Definition
A global frame of reference described by X =
East, Y = North, Z = Up
abbreviation for gravities. 1 standard gravity = 9.80665 m/s2. Accelerometers are commonly trimmed using
the local gravimetric field, which can vary by 1/2 percent depending upon altitude and latitude.
CGS system unit for measuring magnetic field strength. 100 µT = 1 gauss.
Inertial Measurement Unit = accelerometer + gyro
based MCUs
Magnetic Angular Rate Gravity = IMU + magnetometer
The Tesla is the SI unit for measuring magnetic field strength. 1E–4 Tesla = 100 µT = 1 gauss
A global frame of reference described by X =
North, Y = East, Z = Down
In the Aerospace/NED frame of reference, defined as a rotation about the Y-axis
a standard convention for describing the positive/negative sense of rotations about an axis
http://en.wikipedia.org/wiki/Right_hand_rule.
space/NED frame of reference, defined as a rotation about the X-axis
Roll, Pitch, and Yaw. In the Aerospace/NED frame of reference these are defined as rotations about the X
International System of Units (meter, kilogram, second, ...)
olation - See http://en.wikipedia.org/wiki/SLERP
processor; a clock timer which for the purposes of this discussion, 1 sysTick =
Universal Asynchronous Receiver / Transmitter, also known as SCI (Serial Communications Interface)
In the Aerospace/NED frame of reference, defined as a rotation about the Z-axis
commonly trimmed using
the local gravimetric field, which can vary by 1/2 percent depending upon altitude and latitude.
µ
T = 1 gauss
a standard convention for describing the positive/negative sense of rotations about an axis
Roll, Pitch, and Yaw. In the Aerospace/NED frame of reference these are defined as rotations about the X
this discussion, 1 sysTick = 1 CPU
Universal Asynchronous Receiver / Transmitter, also known as SCI (Serial Communications Interface)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37