| Moteur de recherche de fiches techniques de composants électroniques |
|
ADM1175-4ARMZ-R7 Fiches technique(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1175-4ARMZ-R7 Fiches technique(HTML) 9 Page - Analog Devices |
|
9 / 24 page ![]() ADM1175 Rev. 0 | Page 9 of 24 16 14 12 10 8 6 4 2 VCC (V) 12 10 8 6 4 2 0 018 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 VCC (V) 14 12 10 8 6 4 2 VGATE (V) 018 10 12 16 14 8 6 4 2 Figure 10. Gate Pull-Down Current vs. VCC at VGATE = 5 V 2 –14 –12 –10 –8 –6 –4 –2 0 016 HIGH LOW 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 –40 80 HIGH LOW 60 40 20 0 –20 TEMPERATURE (°C) 20 15 10 5 VGATE (V) Figure 11. Gate Pull-Up Current vs. Gate Voltage at VCC = 5 V 0 5 10 15 20 025 VCC = 3V VCC = 5V VCC = 12V Figure 12. Gate Pull-Down Current vs. Gate Voltage Figure 13. Timer Threshold vs. Supply Voltage 0 100 80 60 40 20 90 70 50 30 10 05.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 CTIMER (µF) Figure 14. Timer Threshold vs. Temperature Figure 15. Current Limit On Time vs. Timer Capacitance |