Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM1404CSNBQ6F Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STM1404CSNBQ6F
Description  Security Supervisor with Battery Switchover
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSNBQ6F Fiches technique(HTML) 7 Page - STMicroelectronics

  STM1404CSNBQ6F Datasheet HTML 1Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 2Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 3Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 4Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 5Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 6Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 7Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 8Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
STM1404
Figure 5. Topside Marking Information
Note: 1. Options codes:
X = A, B, or C (for VOUT)
X = T, S, or R (for Reset Threshold)
X = M, N, or O (for Battery Low Voltage Detect Threshold)
X = B, C, D, H, I, or J (for Temperature Alarm Threshold)
2. Traceability Codes
Y = Year
WW = Work Week
04
XXXX(1)
YWW(2)
AI12218



Html Pages

1 2 3 4 5 6 7 8 9