Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRMCS2033 Fiches technique(PDF) 13 Page - International Rectifier

No de pièce IRMCS2033
Description  Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2033 Fiches technique(HTML) 13 Page - International Rectifier

Back Button IRMCS2033 Datasheet HTML 9Page - International Rectifier IRMCS2033 Datasheet HTML 10Page - International Rectifier IRMCS2033 Datasheet HTML 11Page - International Rectifier IRMCS2033 Datasheet HTML 12Page - International Rectifier IRMCS2033 Datasheet HTML 13Page - International Rectifier IRMCS2033 Datasheet HTML 14Page - International Rectifier IRMCS2033 Datasheet HTML 15Page - International Rectifier IRMCS2033 Datasheet HTML 16Page - International Rectifier IRMCS2033 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
IRMCS2033
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
12
Bit Position
7
6
5
4
3
2
1
0
1=Read/
0=Write
Register Map Starting Address
Command/Address Byte Format
Bit Position
7
6
5
4
3
2
1
0
1=Error/
0=OK
Register Map Starting Address
Command Acknowledgement Byte Format
The following example shows a command sequence sent from the host to the IRMCK203 requesting a two-byte
register write operation:
0x2F
Write operation beginning at offset 0x2F
0x02
Byte count of register data is 2
0x00
Data byte 1
0x04
Data byte 2
0x35
Checksum (sum of preceding bytes, overflow discarded)
A good reply from the IRMCK203 would appear as follows:
0x2F
Write completed OK at offset 0x2F
0x2F
Checksum
An error reply to the command would have the following format:
0xAF
Write at offset 0x2F completed in error
0xAF
Checksum
RS-232 Register Read Access
A register read operation consists of a command/address byte, byte count and checksum. When the IRMCK203
receives the command, it validates the checksum and transmits the register data to the host.
Command / Address Byte
Byte Count
Checksum
Register Read Operation
Command Acknowledgement Byte
Register Data (Byte Count bytes)
Checksum
Register Read Acknowledgement (transfer OK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21