Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCX52 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BCX52
Description  PNP medium power transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCX52 Fiches technique(HTML) 2 Page - NXP Semiconductors

  BCX52 Datasheet HTML 1Page - NXP Semiconductors BCX52 Datasheet HTML 2Page - NXP Semiconductors BCX52 Datasheet HTML 3Page - NXP Semiconductors BCX52 Datasheet HTML 4Page - NXP Semiconductors BCX52 Datasheet HTML 5Page - NXP Semiconductors BCX52 Datasheet HTML 6Page - NXP Semiconductors BCX52 Datasheet HTML 7Page - NXP Semiconductors BCX52 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 19
2
Philips Semiconductors
Product specification
PNP medium power transistors
BCX51; BCX52; BCX53
FEATURES
• High current (max. 1 A)
• Low voltage (max. 80 V).
APPLICATIONS
• Medium power general purposes
• Driver stages of audio amplifiers.
DESCRIPTION
PNP medium power transistor in a SOT89 plastic
package. NPN complements: BCX54, BCX55 and BCX56.
MARKING
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
BCX51
AA
BCX52-16
AM
BCX51-10
AC
BCX53
AH
BCX51-16
AD
BCX53-10
AK
BCX52
AE
BCX53-16
AL
BCX52-10
AG
PINNING
PIN
DESCRIPTION
1
emitter
2
collector
3
base
Fig.1 Simplified outline (SOT89) and symbol.
handbook, halfpage
123
Bottom view
MAM297
3
2
1



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com